PART |
Description |
Maker |
14-44-5324 14-44-5312 14-44-5319 14-44-2906 14-44- |
SL IDT Opt D Male 22AWG 15 SAu 24Ckt 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 12Ckt 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 19Ckt 19 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 6Ckt 6 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 21Ckt 21 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 20Ckt 20 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 5Ckt 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 25Ckt SL IDT Opt D Male 28AWG 15 SAu 7Ckt SL IDT Opt D Male 22AWG 15 SAu 15Ckt SL IDT Opt D Male 22AWG 15 SAu 9Ckt 25 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
PVY117 |
4 Lead SOP From old datasheet system
|
IRF
|
14-56-8110 14-56-8120 |
CGrid SL IDT Opt C 30 SAu 11Ckt CGrid SL Idt Opt C 30 SAu 12Ckt
|
MOLEX INC
|
14-56-2103 14-56-2243 14-56-2203 14-56-2063 14-56- |
CGrid SL IDT Opt A 15 SAu 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt A 15 SAu 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-60-0069 14-60-1051 14-56-4084 14-56-4050 14-60- |
CGrid SL IDT Opt C Tin 06Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C Tin 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Assy Opt C 30 SAu 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt C Tin 16Ckt 100 SL Assy Single Row 30 SAu 4Ckt 21 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
14-44-1624 14-44-1612 14-44-1619 14-44-1615 |
SL IDT Opt D Male 26AWG 15 SAu 24Ckt 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 15 SAu 12Ckt 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 15 SAu 19Ckt 19 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 15 SAu 15Ckt
|
Molex, Inc. MOLEX INC
|
14-56-8171 14-56-8151 14-56-8071 14-56-8191 14-56- |
CGrid SL IDT SR Conn Opt D 30 SAu 17Ckt 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Conn Opt D 30 SAu 15Ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT SR Conn Assy OptD 30Au 7Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT SR Conn Opt D 30 SAu 19Ckt 19 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT SR Conn OptD 30Au 6Ckt CGrid SL IDT SR Conn Opt D 30 SAu 14Ckt
|
Molex, Inc. MOLEX INC
|
5217304000 |
OPT COUPLER
|
Meder Electronic
|
5217103000 |
OPT COUPLER
|
Meder Electronic
|
HSDL-1100008 HSDL-1100018 HSDL-1100007 HSDL-110001 |
IrDA 1.1 Compliant 4Mb/s 5V Transceiver. Top Option.Tape & ReelLINot Recommended for New Designs) IrDA 1.1Compliant 4Mb/s 5V Transceiver. Top Opt. 10 units/stripLINot Recommended for New Designs) IrDA 1.1Compliant 4Mb/s 5V Transceiver.Front Option.Tape & Reel<LINot Recommended for New Designs) 红外1.1Compliant 4Mb sV的Transceiver.Front Option.Tape IrDA 1.1Compliant 4Mb/s 5V Transceiver.Front Opt.10 units/strip<LINot Recommended for New Designs) 红外1.1Compliant 4Mb sV的Transceiver.Front Opt.10单位/条\u0026lt;LI\u0026gt;(不推荐用于新设计)
|
Ecliptek, Corp.
|
SI4435DYPBF |
8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SOP-8 HEXFET Power MOSFET
|
Hypertronics, Corp. IRF[International Rectifier]
|
|